PART |
Description |
Maker |
AS7C32098A AS7C32098A-20TIN AS7C32098A-10TC AS7C32 |
Hex D-Type Flip-Flops With Clear 16-TSSOP -40 to 85 128K X 16 STANDARD SRAM, 10 ns, PDSO44 Quadruple D-Type Flip-Flops With Clear 16-TVSOP -40 to 85 Quadruple D-Type Flip-Flops With Clear 16-SSOP -40 to 85 Quadruple D-Type Flip-Flops With Clear 16-SOIC -40 to 85 Quadruple D-Type Flip-Flops With Clear 16-SO -40 to 85 SRAM - 3.3V Fast Asynchronous 3.3 V 128K x 16 CMOS SRAM
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
KBPC5000S KBPC5001S KBPC4000S KBPC4001S KBPC5010S |
16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 48-SSOP -40 to 85 40/50A IN-LINE BRIDGE RECTIFIER 40,50A IN-LINE BRIDGE RECTIFIER Hex D-Type Flip-Flops With Clear 16-PDIP -40 to 85 40,50 A在在线桥式整流器
|
WTE[Won-Top Electronics] Won-Top Electronics Co., Ltd.
|
HD74ALVCH162721 |
3.3-V 20-bit Flip Flops with 3-state Outputs
|
HITACHI[Hitachi Semiconductor]
|
M27V256 M27V256-100B1TR M27V256-100B6TR M27V256-10 |
NND - 256 KBIT (32KB X8) LOW VOLTAGE UV EPROM AND OTP EPROM 2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM 256 Kbit 32Kb x 8 Low Voltage UV EPROM and OTP EPROM 256 Kbit (32Kb x 8) Low Voltage UV EPROM and OTP EPROM From old datasheet system 2.5-V/3.3-V 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 48-SSOP -40 to 85 2.5-V/3.3-V 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 2.5-V/3.3-V 16-Bit Transparent D-Type Latches With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 2.5-V/3.3-V 18-Bit Universal Bus Transceiver With 3-State Outputs 56-SSOP -40 to 85 2.5-V/3.3-V 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 48-TSSOP -40 to 85 256千位2KB × 8低压紫外线可擦写可编程只读存储器和OTP存储
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
HD74ALVCH16374 |
16-bit D-type Flip Flops with 3-state Outputs
|
HITACHI[Hitachi Semiconductor]
|
DM74AS874 DM74AS874WM DM74AS874NT DM74AS874WMX |
Dual 4-Bit D-Type Edge-Triggered Flip-Flops
|
FAIRCHILD[Fairchild Semiconductor]
|
HD74ALVCH162821 |
3.3-V 20-bit Bus Interface Flip Flops with 3-state Outputs
|
HITACHI[Hitachi Semiconductor]
|
KIA79L15F KIA79L10F KIA79L09F KIA79L05F KIA79L12F |
Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SSOP -40 to 85 三端负电压调节器 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TVSOP -40 to 85 THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
|
KEC Holdings KEC[KEC(Korea Electronics)]
|
74HCT597 74HCT597D 74HCT597DB 74HCT597N 74HC597D 7 |
74HC/HCT597; 8-bit shift register with input flip-flops
|
Philips
|
RD74LVC16374BTEL RD74LVC16374B |
Standard IC>General-Purpose Logics>HD/RD74LVC Series 16-bit D-type Flip Flops with 3-state Outputs
|
Renesas Electronics Corporation
|
AS7C32096A AS7C32096A-20TIN AS7C32096A-10TC AS7C32 |
SRAM - 3.3V Fast Asynchronous 3.3V 256K x 8 CMOS SRAM Hex D-Type Flip-Flops With Clear 16-TSSOP -40 to 85 Hex D-Type Flip-Flops With Clear 16-SO -40 to 85 256K X 8 STANDARD SRAM, 15 ns, PDSO44 Hex D-Type Flip-Flops With Clear 16-SOIC -40 to 85 256K X 8 STANDARD SRAM, 12 ns, PDSO44
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|